Part Number Hot Search : 
CSD2425 A1S109 CLL131 ZTB389D ML22Q394 ZR35230 UNR2117 SC312
Product Description
Full Text Search
 

To Download NACXR47M6363X55TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES * CYLINDRICAL V-CHIP CONSTRUCTION * VERY LOW IMPEDANCE AT 100KHz * WIDE TEMPERATURE RANGE (-55 +105OC) * MAXIMUM 5.5mm HEIGHT * ANTI-SOLVENT (2 MINUTES) * DESIGNED FOR REFLOW SOLDERING CHARACTERISTICS
Rated Voltage Range Rated Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 2 Minutes at 20C W.V. (Vdc) S.V.(Vdc) Surge Voltage and Max. Tan Tan Z-25C/Z+20C Low Temperature Stability (Impedance Ratio @ 120Hz) Z-55C/Z+20C Capacitance Change High Temperature Load Life at 105C and Rated Working Voltage Tan 1,000 hours Leakage Current 6.3 ~ 63V 0.47 ~ 150F -55 ~ +105C 20% (M), 10% (K)* 0.01CV or 3A whichever is greater 6.3 10 16 25 35 50 63 8 13 20 32 44 63 79 0.24 0.20 0.16 0.14 0.12 0.12 0.12 3 2 2 2 2 2 2 5 4 4 3 3 3 3 Within 25% of initial measured value Less than 200% of specified value Less than the specified value
NACX Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
* Optional 10% (K) Tolerance available on most values. Contact factory for availability.
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 100KHz AND 105OC)
Cap. (F) 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 6.3 68 105 105 155 155 10 105 105 155 155 Working Voltage (Vdc) 16 25 35 51 68 68 68 68 68 68 105 105 105 155 155 155 155 155 155 155 50 30 37 45 52 75 120 63 15 20 24 40 40 65 -
MAXIMUM IMPEDANCE ( AT 100KHz AND 20OC)
Cap. (F) 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 6.3 2.3 1.1 1.1 0.6 0.6 10 1.1 1.1 0.6 0.6 Working Voltage (Vdc) 16 25 35 6.0 3.1 2.9 2.7 2.3 2.3 2.3 1.1 1.1 1.1 0.6 0.6 0.6 0.6 0.6 0.6 0.6 50 8.0 7.4 6.6 5.4 2.9 1.3 63 10 8.0 8.0 3.5 3.5 1.6 -
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
19
Surface Mount Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND SIZE DxL (mm)
Cap. (F) 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 Code R47 1R0 2R2 3R3 4R7 100 220 330 470 101 221 Working Voltage (Vdc) 6.3 10 16 25 35 50 63 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 5x5.5 4x5.5 5x5.5 5x5.5 6.3x5.5 6.3x5.5 4x5.5 5x5.5 5x5.5 6.3x5.5 6.3x5.5 5x5.5 5x5.5 6.3x5.5 6.3x5.5 5x5.5 6.3x5.5 6.3x5.5 6.3x5.5 6.3x5.5 6.3x5.5 6.3x5.5 6.3x5.5 -
NACX Series
D
0.3mm max.
L
+
W
I
I
-
A P
DIMENSIONS (mm)
Case Size D0.5 L max. A/B0.2 I 0.2 W 4x5.5 4.0 5.5 4.3 1.8 0.5 ~ 0.8 5x5.5 5.0 5.5 5.3 2.1 0.5 ~ 0.8 6.3x5.5 6.3 5.5 6.6 2.5 0.5 ~ 0.8 P0.2 1.0 1.4 2.2
B
PART NUMBER SYSTEM
NACX 100 M 25V 5x5.5
RoHS Compliant 97% Sn (min.), 3% Bi (max.) 330mm (13") Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F
TR 13 F
Series
(R)
20
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NACXR47M6363X55TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X